PART |
Description |
Maker |
CAT5122TPI-50-T10 CAT5120 CAT5120SBI-00-T CAT5120S |
16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface 16抽头2线接口MiniPot数字可编程电位器 16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface 16抽头线接口MiniPot数字可编程电位器 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 48-SSOP -40 to 85 Crimping Tool, Heavy-Duty, Lever-Type, 8 AWG, 6 AWG, 4 AWG, 2 AWG RoHS Compliant: NA 16-Tap MiniPot, Volatile MiniPot, Up/Down Interface 16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
|
Macronix International Co., Ltd. Electronic Theatre Controls, Inc. Bourns, Inc. CATALYST[Catalyst Semiconductor]
|
CAT5124 CAT5125TBI-00-GT10 CAT5123TBI-00-T10 CAT51 |
The CAT5124 linear-taper digitally programmable potentiometer performs the same function as a mechan 32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
|
http:// Catalyst Semiconductor
|
CAT5120TBI-10-GT3 CAT5121TBI-10-GT3 |
16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
|
http://
|
CAT5120 CAT5121SDI-00GT3 CAT5121SDI-00T3 CAT5121SD |
16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface 16-Tap MiniPot垄芒 Digitally Programmable Potentiometers with 2-Wire Interface 16-Tap MiniPot⑩ Digitally Programmable Potentiometers with 2-Wire Interface
|
Catalyst Semiconductor
|
CAT5113VI-00-G CAT5113VI-01-G CAT5113VI-10-G CAT51 |
100-Tap Digitally Programmable Potentiometer (DPP? 100-Tap Digitally Programmable Potentiometer (DPP垄芒) 100-Tap Digitally Programmable Potentiometer (DPP⑩)
|
Catalyst Semiconductor
|
EP1K50TC144-1DX EP1K50TI144-1DX EP1K50FC484-2F EP1 |
Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R 现场可编程门阵列(FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R
|
Taiyo Yuden Co., Ltd. Nihon Inter Electronics, Corp. Vectron International, Inc. Samsung Semiconductor Co., Ltd.
|
CAT5115YI-00-G CAT5115LI-00-G CAT5115ZI-00-G CAT51 |
32-Tap Digitally Programmable Potentiometer
|
ON Semiconductor
|
CAT511108 CAT5111ZI-00 CAT5111ZI-10 CAT5111LI-00-G |
DPP, NV 100 taps, Up/Down w/Buf 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 DPP, NV 100 taps, Up/Down w/Buf 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 DPP, NV 100 taps, Up/Down w/Buf 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 100-Tap Digitally Programmable Potentiometer (DPP? with Buffered Wiper 100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper 100-Tap Digitally Programmable Potentiometer (DPP垄芒) with Buffered Wiper 100-Tap Digitally Programmable Potentiometer (DPP⑩) with Buffered Wiper
|
ON Semiconductor Catalyst Semiconductor
|
CAT5113 |
100-Tap Digitally Programmable Potentiometer (DPP)
|
ON Semiconductor
|
CAT5111 |
100-Tap Digitally Programmable Potentiometer (DPP)
|
ON Semiconductor
|
CAT5116VI-G CAT5116ZI |
Log-Taper, 100-Tap Digitally Programmable Potentiometer
|
ON Semiconductor
|